Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download UKZ1E470MHM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
KZ
Premium Grade Type, For Audio Equipment
series
Premium grade "nichicon MUSE" acoustic series. Ideally suited for first class audio equipment where qualitative and quantitative comfortableness is required. Adapted to the RoHS directive (2002/95/EC).
KZ
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
High Grade
FG
Performance Characteristics
- 40 ~ +85C 25 ~ 100V 10 ~ 1000F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is 0.01CV or less.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
25 0.12 25 2 4
50 0.08 50 2 3
100 0.07 100 2 3
Within 20% of initial value 150% or less of initial specified value Initial specified value or less
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Impedance ratio Z- 25C / Z+20C ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage Current
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with gold color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5MAX.
B
Type numbering system (Example : 25V 100F)
0.8 tinned copper wire
UK Z 1 E 1 0 1 M PM
Capacitance tolerance (20%) Rated Capacitance (100F) Rated voltage (25V) Series name Type Configuration Code 8 a 10 PM 12.5 ~ 18 HM
BD
1 2 3 4 5 6 7 8 9 10 11
BD
Pressure relief vent
L+ MAX.
15MIN
BD
4MIN
(D < 10) 1.0 (D 10) 1.5
P
8 10 12.5 16 18 3.5 5.0 5.0 7.5 7.5
(mm)
* Please refer to page 21 about the end seal configulation.
Dimensions
Cap.(F) V Code
D x L (mm) 25 1E 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 35.5 50 1H 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5 16 x 35.5 18 x 40 100 2A 8 x 11.5 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 35.5 18 x 35.5
10 22 33 47 1000 2200 3300 4700 100000
100 220 330 470 101 221 331 471 102
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
P 0.5
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UKZ1E470MHM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X